Part Number Hot Search : 
KA3843AM CMDD6001 1040C 05M76 00266 DC24V LP2951CM 7C1020V
Product Description
Full Text Search
 

To Download 2SA209011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/3 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.03 - rev.b medium power transistor ( ? 60v, ? 0.5a) 2sa2090 ? features ? dimensions (unit : mm) 1) high speed switching. (tf : typ. : 35ns at i c = 500ma) 2) low saturation voltage, typically. (typ. : ? 150mv at i c = ? 100ma, i b = ? 10ma) 3) strong discharge power for inductive load and capacitance load. 4) complements the 2sc5868. ? applications high speed switching, low noise ? structure pnp silicon epitaxial planar ? packaging specifications taping 2sa2090 type tl 3000 package basic ordering unit (pieces) code ? absolute maximum ratings (ta=25 ? c) parameter v v v a mw ? 1 pw = 10ms ? 2 each terminal mounted on a recommended land. ? 2 ? 1 c a c v cbo v ceo i c p c tj v ebo i cp tstg symbol ? 60 ? 60 ? 6 ? 0.5 ? 1.0 500 150 ? 55 to + 150 limits unit collector-base voltage collector-emitter voltage emitter-base voltage collector current power dissipation junction temperature storage temperature each lead has same dimensioins abbreviated symbol : vm tsmt3 (1) base (2) emitter (3) collector
2/3 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.03 - rev.b data sheet 2sa2090 ? electrical characteristics (ta=25 ? c) parameter symbol bv ebo i cbo i ebo v ce(sat) ft h fe cob ton min. ? 6 ? ? ? 120 ? ? ? ? ? 400 ?? 10 35 ? ? 1.0 ? 1.0 ? ? 150 ? 300 270 ? ? ? i e = ? 100 a v ce = ? 2v, i c = ? 50ma v cb = ? 60v v eb = ? 4v i c = ? 100ma, i b = ? 10ma i c = ? 500ma, i b1 = ? 50ma i b2 = 50ma v cc ? 25v v ce = ? 10v, i e = 100ma, f = 10mhz v cb = ? 10v, i e =0 ma, f = 1mhz v a a mhz mv pf ns tstg ? 100 ? ns tf ? 60 ? ns typ. max. unit conditions bv ceo ? 60 ?? v i c = ? 100ma collector-emitter breakdown voltage collector cut-off current dc current gain transition frequency collector output capacitance turn-on time storage time fall time emitter cut-off current collector-emitter saturation voltage bv cbo ? 60 ?? i c = ? 1 ma v collector-base breakdown voltage emitter-base breakdown voltage ? 1  1  1 measured using pulse current ? ? h fe rank q 120-270 ? electrical characteristic curves 0 20 40 60 80 100 collector current : i c (ma) collector to emitter voltage : v ce ( v) 01 234 5 fig.1 typical output characteristics 0 a 50 a 100 a 150 a 200 a 250 a 300 a 350 a 400 a i b = 450 a fig.2 switching time 1 0.01 0.1 1000 100 10 collector current : i c (a) switching time (ns) ta = 25 c v cc = 25v tstg tf ton fig.3 dc current gain vs. collecto r current ( ) collector current : i c (a) dc current gain : hfe 0.001 0.01 0.1 1 10 100 1000 ta = 100 c ta = 25 c ta =? 40 c v ce = 2v 0.001 0.01 0.1 1 10 100 1000 collector current : i c (a) dc current gain : hfe v ce = 5v v ce = 3v v ce = 2v fig.4 dc current gain vs. collector current ( ? ) ta = 25 c 0.001 0.01 0.1 0.01 0.1 1 10 collector saturation voltage : v ce (sat )(v) collector current : i c (a) 1 fig.5 collector-emitter saturation voltag e vs. collector current ( ) i c /i b = 10/1 125 c 25 c ? 40 c 0.001 0.1 0.01 1 0.01 0.1 1 10 collector current : i c ( a) collector saturation voltage : v ce ( sat)(v) f ig.6 collector-emitter saturation voltag e vs. collector current ( ? ) i c /i b = 10/1 i c /i b = 100/1 i c /i b = 20/1 ta = 25 c
3/3 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.03 - rev.b data sheet 2sa2090 collector current : i c (a) base emitter saturation voltage : v be (sat ) (v) fig.7 base-emitter saturation voltag e vs. collector current 0.001 0.01 0.1 1 1 0.1 10 125 c i c /i b = 10/1 25 c ? 40 c 1000 transition frequency : f t (mhz) emitter current : i e (a ) 1 0 1 0.1 0.01 0.001 100 10 fig.8 transition frequency ta = 25 c v ce = 10v 100 collector output capacitance : c ob ( p f) base to collector voltage : v cb ( v) 10 0 10 1 0.1 10 1 fig.9 collector output capacitanc e ta = 25 c f = 1mhz 0.01 0.1 1 collector current : i c (a) base to emitter voltage : v be (v) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1 .5 fig.10 ground emitter propagatio n characteristics 125 c 25 c v ce =2v ? 40 c ? switching characteristics measurement circuits collector current waveform base current waveform i b1 i b1 90% 10% i b2 i b2 i c v in p w i c r l =50 v cc 25 v p w 50 s duty cycle 1% ton tstg tf
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of 2SA209011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X